Part Number Hot Search : 
BUT11 M74HCT86 AD75100I SE5552N SMA22 MV57621 E0026 6NA60
Product Description
Full Text Search
 

To Download 2N2219A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2218A 2N2219A TO-39
Boca Semiconductor Corp. BSC
Switching And Linear Application DC And VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL 2N2218A,19A UNIT V V V mA mW mW/deg C W mW/deg C deg C
VCEO 40 Collector -Emitter Voltage VCBO 75 Collector -Base Voltage VEBO 6.0 Emitter -Base Voltage IC 800 Collector Current Continuous PD 800 Power Dissipation @Ta=25 degC 4.57 Derate Above 25deg C PD 3.0 @ Tc=25 degC 17.1 Derate Above 25deg C Tj, Tstg -65 to +200 Operating And Storage Junction Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION Collector -Emitter Voltage Collector -Base Voltage Emitter-Base Voltage Collector-Cut off Current SYMBOL TEST CONDITION VCEO VCBO VEBO ICBO IC=10mA,IB=0 IC=10uA.IE=0 IE=10uA, IC=0 VCB=60V, IE=0 VALUE MIN MAX 40 75 6.0 10
UNIT V V V nA
Emitter-Cut off Current Base-Cut off Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage
Ta=150 deg C VCB=60V, IE=0 ICEX VCE=60V, VEB=3V IEBO VEB=3V, IC=0 IBL VCE=60V, VEB=3V VCE(Sat)* IC=150mA,IB=15mA IC=500mA,IB=50mA VBE(Sat) * IC=150mA,IB=15mA IC=500mA,IB=50mA
-
10 10 10 20 0.3 1.0 0.6-1.2 2.0
uA nA nA nA V V V V
http://www.bocasemi.com
page 1
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION hFE IC=0.1mA,VCE=10V DC Current Gain IC=1mA,VCE=10V IC=10mA,VCE=10V Ta=55 deg C IC=10mA,VCE=10V IC=150mA,VCE=10V IC=150mA,VCE=1V IC=500mA,VCE=10V DYNAMIC CHARACTERISTICS Small Signal Current Gain Input Impedance Voltage Feedback Ratio Out put Admittance Collector Base Time Constant Real Part Common-Emitter High Frequency Input Impedance Noise Figure hfe hie hre hoe rb'Cc Re(hie) NF ALL f=1kHz IC=1mA, VCE=10V IC=10mA, VCE=10V IC=1mA, VCE=10V IC=10mA, VCE=10V IC=1mA, VCE=10V IC=10mA, VCE=10V IC=1mA, VCE=10V IC=10mA, VCE=10V IE=20mA, VCB=20V f=31.8MHz IC=20mA, VCE=20V f=300MHz IC=100uA, VCE=10V Rs=1kohms, f=1kHz
2N2218A to 2N2219A 2218A 2219A >20 >35 >25 >50 >35 >75
UNIT
>15 40-120 >20 >25
>35 100-300 >50 >40
30-150 50-300 50-300 75-375 1.0-3.5 2.0-8.0 0.2-1.0 0.25-1.25 <5.0 <8.0 <2.5 <4.0 3.0-15 5.0-35 10-100 25-200 <150 <150 <60 <60 <4.0
kohms x10-4 umhos ps ohms dB
DYNAMIC CHARACTERISTICS Transistors Frequency Out-Put Capacitance Input Capacitance
ft Cob Cib
IC=20mA, VCE=20V f=100MHz VCB=10V, IE=0 f=100kHz VEB=0.5V, IC=0 f=100kHz
>250 <8.0 <25
>300 <8.0 <25
MHz pF pF
SWITCHING Time Delay time Rise time Storage time Fall time
td tr ts tf
IC=150mA,IB1=15mA VCC=30V,VBE=0.5V IC=150mA, IB1= IB2=15mA, VCC=30V
-
<10 <25 <225 <60
ns ns ns ns
-
*Pulse Condition: Pulse Width=300us, Duty Cycle=2%
http://www.bocasemi.com
page 2
TO-39 Metal Can Package
A B
D G
2 1 3
All dimensions are in mm
DIM A B C D E F G H J K L
M IN MAX 8.50 9.39 7.74 8.50 6.09 6.60 0.40 0.53 -- 0.88 2.41 2.66 4.82 5.33 0.71 0.86 0.73 1.02 12.70 -- 42 DE G 48 DE G
E
K
C
L
H J
3 2 1
PIN CO NFIGUR ATIO N 1. E M ITTE R 2. B A SE 3. C OLLE CTO R
Packing Detail
PACKAGE TO-39 STANDARD PACK Details Net Weight/Qty 500 pcs/polybag 540 gm/500 pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 20.0K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 32.0K 40 kgs
http://www.bocasemi.com
F
page 3


▲Up To Search▲   

 
Price & Availability of 2N2219A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X